PART |
Description |
Maker |
5962-8981706UX 5962-8981704UX 5962-8981704ZA |
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning x8存储 x8 EPROM x8存储
|
Toshiba, Corp. Glenair, Inc.
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LTC1929 1929F LTC1929CG-PG LTC1929-PG LTC1929IG-PG |
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators From old datasheet system 2 Phase Synchronous Step-down Switching Regulators
|
Linear Technology
|
MP2303DQ |
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter 6.3 A SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO10 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter A8V的,340KHz的同步整流降压转换器
|
Monolithic Power Systems, Inc.
|
AP3421A AP3421DNTR-G1 |
1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTER 1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTERS
|
Diodes
|
LTC1625 LTC1625CS LTC1625CGN LTC1625IGN LTC1625IS |
From old datasheet system No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator No R SENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology
|
L6995DTR L6995 L6995D 8913 |
CONSTANT ON TIME STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION STEP DOWN CONTROLLER FOR HIGH DIFFERENTIAL INPUT-OUTPUT CONVERSION From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC1709-85 LTC1709-7 LTC1709 1709F |
2-Phase, 5-Bit Adjustable,High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system 2-Phase, 5-Bit Adjustable Switching Regulator 2-Phase, Mobile VID, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, VRM8.4, High Efficiency, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
R123.D001A R123.D181A R123.D181A-TR R123.D001A-TL |
PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 0.8 A SWITCHING REGULATOR, 920 kHz SWITCHING FREQ-MAX, PDSO8 PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 脉宽调制/ VFM的降压型DC / DC同步整流转换 PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 0.8 A SWITCHING REGULATOR, 575 kHz SWITCHING FREQ-MAX, PDSO8
|
RICOH electronics devices division Ricoh Co., Ltd.
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
LTC1735IGN-1TR LTC1735-1-15 |
High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO16 High Efficiency Synchronous Step-Down Switching Regulator
|
Linear Technology, Corp.
|